Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLDC08 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce STLDC08
Description  Step-up controller for LED supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLDC08 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button STLDC08 Datasheet HTML 11Page - STMicroelectronics STLDC08 Datasheet HTML 12Page - STMicroelectronics STLDC08 Datasheet HTML 13Page - STMicroelectronics STLDC08 Datasheet HTML 14Page - STMicroelectronics STLDC08 Datasheet HTML 15Page - STMicroelectronics STLDC08 Datasheet HTML 16Page - STMicroelectronics STLDC08 Datasheet HTML 17Page - STMicroelectronics STLDC08 Datasheet HTML 18Page - STMicroelectronics STLDC08 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
STLDC08
Detailed description
Doc ID 18476 Rev 1
15/29
7.5
Dimming
When PWMOUT goes to zero, the LED current immediately goes to zero and the energy
stored in the coil is discharged on the output capacitor, causing an increase in the output
voltage. As soon as the PWM goes back to high value, there is a big spike current on the
LED. This could damage the LED itself. To avoid this, as soon as the input PWM signal goes
to zero the controller immediately turns off the main switch (in order to discharge the coil
current on the LED branch). In this way the PWM power is turned off with a delay in order to
guarantee that FB goes high after PowerMOS turn off. After this delay, the flip-flop is ready
to be set and the PWM power is turned off. In this condition the output voltage is slightly
lower than the regulated value, but a current spike on the LED is avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29