Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ALTAIR04-900 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce ALTAIR04-900
Description  Off-line all-primary-sensing switching regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALTAIR04-900 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button ALTAIR04-900 Datasheet HTML 17Page - STMicroelectronics ALTAIR04-900 Datasheet HTML 18Page - STMicroelectronics ALTAIR04-900 Datasheet HTML 19Page - STMicroelectronics ALTAIR04-900 Datasheet HTML 20Page - STMicroelectronics ALTAIR04-900 Datasheet HTML 21Page - STMicroelectronics ALTAIR04-900 Datasheet HTML 22Page - STMicroelectronics ALTAIR04-900 Datasheet HTML 23Page - STMicroelectronics ALTAIR04-900 Datasheet HTML 24Page - STMicroelectronics ALTAIR04-900 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
ALTAIR04-900
Application information
Doc ID 18211 Rev 2
21/29
5.10
Layout recommendations
A proper printed circuit board layout is essential for correct operation of any switch-mode
converter and this is true for the ALTAIR04-900 as well. Careful component placing, correct
traces routing, appropriate traces widths and compliance with isolation distances are the
major issues. In particular:
●
The compensation network should be connected as close as possible to the COMP
pin, maintaining the trace for the GND as short as possible
●
Signal Ground should be routed separately from power ground, as well from the sense
resistor trace.
Figure 19.
Suggested routing for converter
 
AC IN
OUT
GND
COMP
SOURCE
DRAIN
VDD
IREF
GND
FB/ZCD
ALTAIR04-900
AC IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29