Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS210 Fiches technique(PDF) 2 Page - Micro Commercial Components

No de pièce SS210
Description  2 Amp Schottky Rectifier 20 to 100 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS210 Fiches technique(HTML) 2 Page - Micro Commercial Components

  SS210 Datasheet HTML 1Page - Micro Commercial Components SS210 Datasheet HTML 2Page - Micro Commercial Components SS210 Datasheet HTML 3Page - Micro Commercial Components SS210 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS22
Figure 1
Typical Forward Characteristics
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
0
.2
.4
.6
.8
1.0
1.2
1.4
.1
.2
.4
.6
.8
1.0
2.0
4.0
6.0
8.0
10
20
40
60
80
100
Volts
Amps
Figure 2
Typical Reverse Characteristics
0
5
10
15
20
25
30
35
40
45
50
.001
.1
1
10
100
1000
125
°C
75
°C
25
°C
Typical Reverse Current - mAversus
Reverse Voltage - Volts
mA
Volts
25
°C
125
°C
Figure 3
Typical Junction Capacitance
Junction Capacitance - pFversus
Reverse Voltage - Volts
Volts
pF
0.
0.5
1.0
5.0
10
50
100
100
200
400
600
1000
2000
4000
6000
10000
Figure 4
New SMA Assembly
Round Lead
Process
MCC
Revision: B
2011/06/03
TM
Micro Commercial Components
www.mccsemi.com
2 of 4



Html Pages

1 2 3 4