| Moteur de recherche de fiches techniques de composants électroniques |
|
LS060S2UD01 Fiches technique(PDF) 4 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
LS060S2UD01 Fiches technique(HTML) 4 Page - Sharp Corporation |
|
4 / 21 page ![]() LCP-1310002-2 NOTICE This publication is the proprietary of SHARP and is copyrighted, with all rights reserved. Under the copyright laws, no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical for any purpose, in whole or in part, without the express written permission of SHARP. Express written permission is also required before any use of this publication may be made by a third party. The application circuit examples in this publication are provided to explain the representative applications of SHARP's devices and are not intended to guarantee any circuit design or permit any industrial property right or other rights to be executed. SHARP takes no responsibility for any problems related to any industrial property right or a third party resulting from the use of SHARP's devices, except for those resulting directly from device manufacturing processes. In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP's device. SHARP reserves the right to make changes in the specifications, characteristics, data, materials, structures and other contents described herein at any time without notice in order to improve design or reliability. Contact SHARP in order to obtain the latest specification sheets before using any SHARP's device. Manufacturing locations are also subject to change without notice. Observe the following points when using any device in this publication. SHARP takes no responsibility for damage caused by improper use of the devices. The devices in this publication are designed for use in general electronic equipment designs, such as: •Personal computers •Office automation •Telecommunication equipment •Test and measurement equipment •Industrial control •Personal digital assistant •Audio visual and multimedia equipment •Consumer electronics •Smart phone ・e-book The appropriate design measures should be taken to ensure reliability and safety when SHARP's devices are used for equipment such as: •Transportation control and safety equipment (i.e., aircraft, trains, automobiles, etc.) •Traffic signals •Gas leakage sensor breakers •Alarm equipment •Various safety devices etc. SHARP's devices shall not be used for equipment that requires extremely high level of reliability, such as: •Military and space applications •Nuclear power control equipment •Medical equipment for life support Contact a SHARP representative, in advance, when intending to use SHARP's devices for any "specific" applications other than those recommended by SHARP. Contact and consult with a SHARP representative if there are any questions about the contents of this publication. |