| Moteur de recherche de fiches techniques de composants électroniques |
|
PC3Q71XNIP Fiches technique(PDF) 3 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
PC3Q71XNIP Fiches technique(HTML) 3 Page - Sharp Corporation |
|
3 / 5 page ![]() PC3H71X NIP Series/PC3Q71X NIP Series Fig.6 Peak Forward Current vs. Duty Ratio Fig.7 Forward Current vs. Forward Voltage Duty ratio 10 1000 100 10 −2 10 −3 10 −1 2 2 2 5 5 5 5 1 2000 200 20 500 50 Pulse width <=100µs Ta=25°C 0.1 1 10 100 0 0.5 1.0 1.5 2.0 Forward voltage VF (V) Ta=25°C Ta=75°C Ta=100°C Ta=50°C Ta=0°C Ta=−25°C Fig.8 Current Transfer Ratio vs. Forward Current Fig.9 Current Transfer Ratio vs. Forward Current Forward current IF (mA) 0.1 1 10 0 800 700 600 500 400 300 200 100 VCE=5V Ta=25°C PC3H71xNIP Series Forward current IF (mA) 0.1 1 10 0 600 500 400 300 200 100 VCE=5V Ta=25°C PC3Q71xNIP Series Fig.5 Total Power Dissipation vs. Ambient Temperature Fig.4 Collector Power Dissipation vs. Ambient Temperature Ambient temperature Ta (°C) 0 200 150 170 100 50 −30 0 25 50 75 100 125 Ambient temperature Ta (°C) 0 200 150 100 50 −30 0 25 50 75 100 125 |