| Moteur de recherche de fiches techniques de composants électroniques |
|
PC3H4 Fiches technique(PDF) 5 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
PC3H4 Fiches technique(HTML) 5 Page - Sharp Corporation |
|
5 / 5 page ![]() PC3H4/PC3Q64Q s Precautions for Use Please refer to the chapter "Precautions for Use". 25 °C 2min 230 °C 200 °C 180 °C 1min 1min 1.5min 30s Only one time soldering is recommended within the temperature profile shown below. Fig.5 Reflow Soldering |