Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SF18 Fiches technique(PDF) 3 Page - Micro Commercial Components

No de pièce SF18
Description  1.0 Amp Super Fast Recovery Rectifiers 50 to 600 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SF18 Fiches technique(HTML) 3 Page - Micro Commercial Components

  SF18 Datasheet HTML 1Page - Micro Commercial Components SF18 Datasheet HTML 2Page - Micro Commercial Components SF18 Datasheet HTML 3Page - Micro Commercial Components SF18 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 5
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperes versus
Percent Of Rated Peak Reverse Voltage - %Volts
Volts
200
µAmps
0
100
2
0
40
60
80
5
50
500
140
TA=100
℃
TA=25
℃
SF11 thru SF18
Figure 4
Typical Junction Characteristics
Instantaneous Forward Current -Amperes versus
Instantaneous Forward Voltage - Volts
Volts
1.0
Amps
0
1.0
.2
.4
.6
.8
0.1
0.3
0.6
100
1.4
SF11-SF14
SF15-SF16
SF18
Figure 6
Typical Junction Characteristics
Capacitance - pF
Reverse Voltage - Volts
pF
5
1
120
20
100
80
60
40
.1
.5
2
10
Volts
20
50
100 200
500 1000
SF11-SF14
SF15-SF18
Revision: A
2011/01/01
MCC
TM
Micro Commercial Components
www.mccsemi.com
3 of 4



Html Pages

1 2 3 4