Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD101CWS Fiches technique(PDF) 2 Page - Micro Commercial Components

No de pièce SD101CWS
Description  Small Signal Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SD101CWS Fiches technique(HTML) 2 Page - Micro Commercial Components

  SD101CWS Datasheet HTML 1Page - Micro Commercial Components SD101CWS Datasheet HTML 2Page - Micro Commercial Components SD101CWS Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Figure 1. Typical variation of forward. current vs.fwd.
Voltage
Figure 2.
Typical forward conduction curve
Figure 4. Typical capacitance curve as a function
of reverse voltage



































mA
mA
pF
VF
VR
VR
VF
IF
IR
CT
IF
A
B
C
A
A
B
B
C
C















uA






Figure 3.Typical variation of reverse current
at versus temperature
www.mccsemi.com
SD101AWS thru SD101CWS
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
2 of 3



Html Pages

1 2 3