Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC66 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce LPC66
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC66 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button LPC66 Datasheet HTML 5Page - NXP Semiconductors LPC66 Datasheet HTML 6Page - NXP Semiconductors LPC66 Datasheet HTML 7Page - NXP Semiconductors LPC66 Datasheet HTML 8Page - NXP Semiconductors LPC66 Datasheet HTML 9Page - NXP Semiconductors LPC66 Datasheet HTML 10Page - NXP Semiconductors LPC66 Datasheet HTML 11Page - NXP Semiconductors LPC66 Datasheet HTML 12Page - NXP Semiconductors LPC66 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
LPC1768_67_66_65_64_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 19 November 2009
9 of 65
NXP Semiconductors
LPC1768/67/66/65/64
32-bit ARM Cortex-M3 microcontroller
P0[25]/AD0[2]/
I2SRX_SDA/
TXD3
7[2]
I/O
P0[25] — General purpose digital input/output pin.
I
AD0[2] — A/D converter 0, input 2.
I/O
I2SRX_SDA — Receive data. It is driven by the transmitter and read by the
receiver. Corresponds to the signal SD in the I2S-bus specification.
(LPC1768/67/66/65 only).
O
TXD3 — Transmitter output for UART3.
P0[26]/AD0[3]/
AOUT/RXD3
6[3]
I/O
P0[26] — General purpose digital input/output pin.
I
AD0[3] — A/D converter 0, input 3.
O
AOUT — DAC output (LPC1768/67/66/65 only).
I
RXD3 — Receiver input for UART3.
P0[27]/SDA0/
USB_SDA
25[4]
I/O
P0[27] — General purpose digital input/output pin. Output is open-drain.
I/O
SDA0 — I2C0 data input/output. Open-drain output (for I2C-bus compliance).
I/O
USB_SDA — USB port I2C serial data (OTG transceiver, LPC1768/66/65 only).
P0[28]/SCL0/
USB_SCL
24[4]
I/O
P0[28] — General purpose digital input/output pin. Output is open-drain.
I/O
SCL0 — I2C0 clock input/output. Open-drain output (for I2C-bus compliance).
I/O
USB_SCL — USB port I2C serial clock (OTG transceiver, LPC1768/66/65 only).
P0[29]/USB_D+
29[5]
I/O
P0[29] — General purpose digital input/output pin.
I/O
USB_D+ — USB bidirectional D+ line. (LPC1768/66/65/64 only).
P0[30]/USB_D
−
30[5]
I/O
P0[30] — General purpose digital input/output pin.
I/O
USB_D
− — USB bidirectional D− line. (LPC1768/66/65/64 only).
P1[0] to P1[31]
I/O
Port 1: Port 1 is a 32-bit I/O port with individual direction controls for each bit. The
operation of port 1 pins depends upon the pin function selected via the pin connect
block. Pins 2, 3, 5, 6, 7, 11, 12, and 13 of this port are not available.
P1[0]/
ENET_TXD0
95[1]
I/O
P1[0] — General purpose digital input/output pin.
O
ENET_TXD0 — Ethernet transmit data 0. (LPC1768/67/66/64 only).
P1[1]/
ENET_TXD1
94[1]
I/O
P1[1] — General purpose digital input/output pin.
O
ENET_TXD1 — Ethernet transmit data 1. (LPC1768/67/66/64 only).
P1[4]/
ENET_TX_EN
93[1]
I/O
P1[4] — General purpose digital input/output pin.
O
ENET_TX_EN — Ethernet transmit data enable. (LPC1768/67/66/64 only).
P1[8]/
ENET_CRS
92[1]
I/O
P1[8] — General purpose digital input/output pin.
I
ENET_CRS — Ethernet carrier sense. (LPC1768/67/66/64 only).
P1[9]/
ENET_RXD0
91[1]
I/O
P1[9] — General purpose digital input/output pin.
I
ENET_RXD0 — Ethernet receive data. (LPC1768/67/66/64 only).
P1[10]/
ENET_RXD1
90[1]
I/O
P1[10] — General purpose digital input/output pin.
I
ENET_RXD1 — Ethernet receive data. (LPC1768/67/66/64 only).
P1[14]/
ENET_RX_ER
89[1]
I/O
P1[14] — General purpose digital input/output pin.
I
ENET_RX_ER — Ethernet receive error. (LPC1768/67/66/64 only).
P1[15]/
ENET_REF_CLK
88[1]
I/O
P1[15] — General purpose digital input/output pin.
I
ENET_REF_CLK — Ethernet reference clock. (LPC1768/67/66/64 only).
P1[16]/
ENET_MDC
87[1]
I/O
P1[16] — General purpose digital input/output pin.
O
ENET_MDC — Ethernet MIIM clock (LPC1768/67/66/64 only).
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com