Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSV6291 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce TSV6291
Description  Micropower with high merit factor CMOS operational amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6291 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button TSV6291 Datasheet HTML 15Page - STMicroelectronics TSV6291 Datasheet HTML 16Page - STMicroelectronics TSV6291 Datasheet HTML 17Page - STMicroelectronics TSV6291 Datasheet HTML 18Page - STMicroelectronics TSV6291 Datasheet HTML 19Page - STMicroelectronics TSV6291 Datasheet HTML 20Page - STMicroelectronics TSV6291 Datasheet HTML 21Page - STMicroelectronics TSV6291 Datasheet HTML 22Page - STMicroelectronics TSV6291 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
TSV6290, TSV6290A, TSV6291, TSV6291A
Package information
Doc ID 17117 Rev 1
19/23
4.4
SC70-6 (or SOT323-6) package mechanical data
Figure 26.
SC70-6 (or SOT323-6) package mechanical drawing
Table 12.
SC70-6 (or SOT323-6) package mechanical data
Ref
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
1.10
0.031
0.043
A1
0.10
0.004
A2
0.80
1.00
0.031
0.039
b
0.15
0.30
0.006
0.012
c
0.10
0.18
0.004
0.007
D
1.80
2.20
0.071
0.086
E
1.15
1.35
0.045
0.053
e
0.65
0.026
HE
1.80
2.40
0.071
0.094
L
0.10
0.40
0.004
0.016
Q1
0.10
0.40
0.004
0.016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23