| Moteur de recherche de fiches techniques de composants électroniques |
|
TSV6291ILT Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSV6291ILT Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 23 page ![]() TSV6290, TSV6290A, TSV6291, TSV6291A Electrical characteristics Doc ID 17117 Rev 1 9/23 Figure 1. Supply current vs. supply voltage at Vicm = VCC/2 Figure 2. Output current vs. output voltage at VCC = 1.5 V Figure 3. Output current vs. output voltage at VCC = 5 V Figure 4. Peaking at closed loop gain = -10 at VCC = 1.5 V and VCC = 5 V 10000 100000 1000000 0 5 10 15 20 V CC =5V V CC =1.5V Closed loop gain = -10 T=25 C,C Load =100pF, V icm =V CC /2, R Load =2.2k Ω for Iout giving minimum stability on a typical part Frequency (Hz) Figure 5. Peaking at closed loop gain = -3, VCC = 1.5 V Figure 6. Peaking at closed loop gain = -3, VCC = 5 V 10000 100000 1000000 0 2 4 6 8 10 12 R Load =100k Ω R Load =10k Ω R Load =100k Ω to V CC /2 R Load =10k Ω for I out giving minimum stability on a typical part Frequency (Hz) 10000 100000 1000000 0 2 4 6 8 10 12 R Load =10k Ω R Load =100k Ω R Load =100k Ω to V CC /2 R Load =10k Ω for I out giving minimum stability on a typical part Frequency (Hz) |