Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-TDR013V1 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STEVAL-TDR013V1
Description  Demonstration board using the PD84002 for UHF RFID reader
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR013V1 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STEVAL-TDR013V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 11Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 12Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 13Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 14Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 15Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
STEVAL-TDR013V1
Package mechanical data
Doc ID 18013 Rev 1
13/16
7.2
Soldering profile
Figure 13 shows the recommeded solder for devices that have Pb-free terminal plating and
where a Pb-free solder is used.
Figure 13.
Recommended solder profile
Figure 14 shows the recommeded solder for devices with Pb-free terminal plating used with
leaded solder, or for devices with leaded terminal plating used with a leaded solder.
Figure 14.
Recommended solder profile for leaded devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16