Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6470H Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce L6470H
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470H Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button L6470H Datasheet HTML 29Page - STMicroelectronics L6470H Datasheet HTML 30Page - STMicroelectronics L6470H Datasheet HTML 31Page - STMicroelectronics L6470H Datasheet HTML 32Page - STMicroelectronics L6470H Datasheet HTML 33Page - STMicroelectronics L6470H Datasheet HTML 34Page - STMicroelectronics L6470H Datasheet HTML 35Page - STMicroelectronics L6470H Datasheet HTML 36Page - STMicroelectronics L6470H Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
L6470
Functional description
Doc ID16737 Rev 4
33/70
6.18
FLAG pin
By default, an internal open drain transistor pulls the FLAG pin to ground when at least one
of the following conditions occurs:
●
Power-up or standby/reset exit
●
Stall detection on A bridge
●
Stall detection on B bridge
●
Overcurrent detection
●
Thermal warning
●
Thermal shutdown
●
UVLO
●
Switch turn-on event
●
Wrong command
●
Non-performable command.
It is possible to mask one or more alarm conditions by programming the ALARM_EN
register (see Section 9.1.20, Table 21). If the corresponding bit of the ALARM_EN register is
low, the alarm condition is masked and it does not cause a FLAG pin transition; all other
actions imposed by alarm conditions are performed anyway. In the case of daisy chain
configuration, FLAG pins of different ICs can be or-wired to save host controller GPIOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70