Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMV331IDBVT Fiches technique(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
No de pièce LMV331IDBVT
Description  GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMV331IDBVT Fiches technique(HTML) 12 Page - Texas Instruments

Back Button LMV331IDBVT Datasheet HTML 8Page - Texas Instruments LMV331IDBVT Datasheet HTML 9Page - Texas Instruments LMV331IDBVT Datasheet HTML 10Page - Texas Instruments LMV331IDBVT Datasheet HTML 11Page - Texas Instruments LMV331IDBVT Datasheet HTML 12Page - Texas Instruments LMV331IDBVT Datasheet HTML 13Page - Texas Instruments LMV331IDBVT Datasheet HTML 14Page - Texas Instruments LMV331IDBVT Datasheet HTML 15Page - Texas Instruments LMV331IDBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LMV331IDBVR
SOT-23
DBV
5
3000
205.0
200.0
33.0
LMV331IDBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
LMV331IDBVT
SOT-23
DBV
5
250
180.0
180.0
18.0
LMV331IDCKR
SC70
DCK
5
3000
180.0
180.0
18.0
LMV331IDCKR
SC70
DCK
5
3000
205.0
200.0
33.0
LMV331IDCKT
SC70
DCK
5
250
180.0
180.0
18.0
LMV331IDCKT
SC70
DCK
5
250
205.0
200.0
33.0
LMV339IDR
SOIC
D
14
2500
346.0
346.0
33.0
LMV339IPWR
TSSOP
PW
14
2000
346.0
346.0
29.0
LMV339IRUCR
QFN
RUC
14
3000
202.0
201.0
28.0
LMV393IDDUR
VSSOP
DDU
8
3000
202.0
201.0
28.0
LMV393IDGKR
MSOP
DGK
8
2500
358.0
335.0
35.0
LMV393IDR
SOIC
D
8
2500
340.5
338.1
20.6
LMV393IPWR
TSSOP
PW
8
2000
346.0
346.0
29.0
PACKAGE MATERIALS INFORMATION
www.ti.com
20-Aug-2011
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29