Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATSAM3S2BA-MU Fiches technique(PDF) 59 Page - ATMEL Corporation

No de pièce ATSAM3S2BA-MU
Description  ARM-based Flash MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3S2BA-MU Fiches technique(HTML) 59 Page - ATMEL Corporation

Back Button ATSAM3S2BA-MU Datasheet HTML 55Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 56Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 57Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 58Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 59Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 60Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 61Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 62Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
59
6500CS–ATARM–24-Jan-11
SAM3S Summary
Table 13-3.
48-pad QFN Package Dimensions (in mm)
Symbol
Millimeter
Inch
Min
Nom
Max
Min
Nom
Max
A
–
–
090
–
–
0.035
A1
–
–
0.050
–
–
0.002
A2
–
0.65
0.70
–
0.026
0.028
A3
0.20 REF
0.008 REF
b
0.18
0.20
0.23
0.007
0.008
0.009
D
7.00 bsc
0.276 bsc
D2
5.45
5.60
5.75
0.215
0.220
0.226
E
7.00 bsc
0.276 bsc
E2
5.45
5.60
5.75
0.215
0.220
0.226
L
0.35
0.40
0.45
0.014
0.016
0.018
e
0.50 bsc
0.020 bsc
R
0.09
–
–
0.004
–
–
Tolerances of Form and Position
aaa
0.10
0.004
bbb
0.10
0.004
ccc
0.05
0.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64