| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS570LS3137 Fiches technique(PDF) 73 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS570LS3137 Fiches technique(HTML) 73 Page - Texas Instruments |
|
73 / 159 page ![]() TMS570LS3137 www.ti.com SPNS162. – SEPTEMBER 2011 Table 4-21. Device Memory Map (continued) FRAME ADDRESS RANGE RESPNSE FOR ACCESS TO FRAME CHIP FRAME ACTUA MODULE NAME UNIMPLEMENTED LOCATIONS IN SELECT SIZE L SIZE START END FRAME Reads return zeros, writes have no HTU2 PS[22] 0xFFF7_A500 0xFFF7_A5FF 256B 256B effect Reads return zeros, writes have no N2HET1 PS[17] 0xFFF7_B800 0xFFF7_B8FF 256B 256B effect Reads return zeros, writes have no N2HET2 PS[17] 0xFFF7_B900 0xFFF7_B9FF 256B 256B effect Reads return zeros, writes have no GIO PS[16] 0xFFF7_BC00 0xFFF7_BCFF 256B 256B effect Reads return zeros, writes have no MIBADC1 PS[15] 0xFFF7_C000 0xFFF7_C1FF 512B 512B effect Reads return zeros, writes have no MIBADC2 PS[15] 0xFFF7_C200 0xFFF7_C3FF 512B 512B effect Reads return zeros, writes have no FlexRay PS[12]+PS[13] 0xFFF7_C800 0xFFF7_CFFF 2KB 2KB effect Reads return zeros, writes have no I2C PS[10] 0xFFF7_D400 0xFFF7_D4FF 256B 256B effect Reads return zeros, writes have no DCAN1 PS[8] 0xFFF7_DC00 0xFFF7_DDFF 512B 512B effect Reads return zeros, writes have no DCAN2 PS[8] 0xFFF7_DE00 0xFFF7_DFFF 512B 512B effect Reads return zeros, writes have no DCAN3 PS[7] 0xFFF7_E000 0xFFF7_E1FF 512B 512B effect Reads return zeros, writes have no LIN PS[6] 0xFFF7_E400 0xFFF7_E4FF 256B 256B effect Reads return zeros, writes have no SCI PS[6] 0xFFF7_E500 0xFFF7_E5FF 256B 256B effect Reads return zeros, writes have no MibSPI1 PS[2] 0xFFF7_F400 0xFFF7_F5FF 512B 512B effect Reads return zeros, writes have no SPI2 PS[2] 0xFFF7_F600 0xFFF7_F7FF 512B 512B effect Reads return zeros, writes have no MibSPI3 PS[1] 0xFFF7_F800 0xFFF7_F9FF 512B 512B effect Reads return zeros, writes have no SPI4 PS[1] 0xFFF7_FA00 0xFFF7_FBFF 512B 512B effect Reads return zeros, writes have no MibSPI5 PS[0] 0xFFF7_FC00 0xFFF7_FDFF 512B 512B effect System Modules Control Registers and Memories DMA RAM PPCS0 0xFFF8_0000 0xFFF8_0FFF 4KB 4KB Abort Wrap around for accesses to unimplemented address offsets lower VIM RAM PPCS2 0xFFF8_2000 0xFFF8_2FFF 4KB 1KB than 0x3FF. Abort generated for accesses beyond 0x3FF. RTP RAM PPCS3 0xFFF8_3000 0xFFF8_3FFF 4KB 4KB Abort Flash Module PPCS7 0xFFF8_7000 0xFFF8_7FFF 4KB 4KB Abort eFuse Controller PPCS12 0xFFF8_C000 0xFFF8_CFFF 4KB 4KB Abort Power Management PPSE0 0xFFFF_0000 0xFFFF_01FF 512B 512B Abort Module (PMM) Test Controller Reads return zeros, writes have no PPSE1 0xFFFF_0400 0xFFFF_07FF 1KB 1KB (FMTM) effect Reads return zeros, writes have no PCR registers PPS0 0xFFFF_E000 0xFFFF_E0FF 256B 256B effect Copyright © 2011, Texas Instruments Incorporated System Information and Electrical Specifications 73 Submit Documentation Feedback focus.ti.com: TMS570LS3137 |