| Moteur de recherche de fiches techniques de composants électroniques |
|
DP4015N2M Fiches technique(PDF) 2 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
DP4015N2M Fiches technique(HTML) 2 Page - Emerson Network Power |
|
2 / 2 page ![]() Rev. 9.23.09_75 DP40 2 of 2 Embedded Power for Business-Critical Continuity MechanicalDrawing OrderingInformation Model Number Output Voltage Maximum Load Peak Load1 Regulation2 Ripple P/P (PARD)3 DP4009N2M 9V 4.44A 5.4A ±5% 90mV DP4009N3M 9V 4.44A 5.4A ±5% 90mV DP4012N2M 12V 3.33A 4.4A ±5% 120mV DP4012N3M 12V 3.33A 4.4A ±5% 120mV DP4015N2M 15V 2.67A 3.5A ±5% 150mV DP4015N3M 15V 2.67A 3.5A ±5% 150mV DP4018N2M 18V 2.22A 3.0A ±5% 150mV DP4018N3M 18V 2.22A 3.0A ±5% 150mV DP4024N2M 24V 1.67A 2.3A ±5% 240mV DP4024N3M 24V 1.67A 2.3A ±5% 240mV DP4048N2M 48V 0.84A 1.2A ±5% 480mV DP4048N3M 48V 0.84A 1.2A ±5% 480mV 1. Peakcurrentlasting<15secondswithamaximum10%dutycycle. 2. At25ºCincludinginitialtolerance,linevoltage,loadcurrentsandoutputvoltagesadjustedtofactorysettings. 3. Peak-to-peakwith20MHzbandwidthand10µF(tantalumcapacitor)inparallelwitha0.1µFcapacitoratratedline voltageandloadranges. Notes: 1.Specificationssubjecttochangewithoutnotice. 2.Alldimensionsininches(mm),toleranceis ±0.02”(±0.5mm) 3.Warranty:2year 4.Weight:0.55lb./.25kg 5.ACinputpowercordsoldseparately. 6.Specificationsareforconvectionratingatfactorysettingsat115Vacinput,25°Cunlessotherwisestated Americas 5810VanAllenWay Carlsbad,CA92008 USA Telephone:+17609304600 Facsimile: +17609300698 Europe (UK) WaterfrontBusinessPark MerryHill,Dudley WestMidlands,DY51LX UnitedKingdom Telephone:+44(0)1384842211 Facsimile: +44(0)1384843355 Asia (HK) 14/F,LuPlaza 2WingYipStreet KwunTong,Kowloon HongKong Telephone:+85221763333 Facsimile: +85221763888 Forglobalcontact,visit: www.PowerConversion.com techsupport.embeddedpower @emerson.com Whileeveryprecautionhasbeentakentoensure accuracyandcompletenessinthisliterature,Emerson NetworkPowerassumesnoresponsibility,anddisclaims allliabilityfordamagesresultingfromuseofthis informationorforanyerrorsoromissions. EmersonNetworkPowerandtheEmerson NetworkPowerlogoaretrademarksand servicemarksofEmersonElectricCo. ©2009EmersonElectricCo. EmersonNetworkPower.com EmbeddedComputing Embedded Power Monitoring OutsidePlant PowerSwitching&Controls PrecisionCooling Racks&IntegratedCabinets Services SurgeProtection Emerson Network Power. Thegloballeaderinenabling business-criticalcontinuity. ACPower Connectivity DCPower 48" (1219 ± 20) 4.88" (124.0) 48" (1219 ± 20) 4.88" (124.0) |