| Moteur de recherche de fiches techniques de composants électroniques |
|
MMST3906 Fiches technique(PDF) 1 Page - Micro Commercial Components |
|
|
|||||||||||||||||||||||||||||
MMST3906 Fiches technique(HTML) 1 Page - Micro Commercial Components |
|
1 / 3 page ![]() MMST3906 PNP Small Signal Transistors Features • Epitaxial Planar Die Construction • Complementary NPN Type available (MMST3904) • Ultra-small surface mount package • Marking : K5N Maxim um Ratings Symbol Rating Rating Unit VCEO Collector-Emitter Voltage 40 V VCBO Collector-Base Voltage 40 V VEBO Emitter-Base Voltage 5.0 V IC Collector Current-Continuous (1) 200 mA PC Power dissipation (1) 200 mW TJ Junction Temperature -55 to +150 OC TSTG Storage Temperature -55 to +150 OC Electrical Characteristics @ 25 OC Unless Otherwise Specified Symbol Parameter Min Max Units OFF CHARACTERISTICS (2) V(BR)CEO Collector-Emitter Breakdown Voltage (IC=1.0mAdc, IB=0) 40 --- Vdc V(BR)CBO Collector-Base Breakdown Voltage (IC=10uAdc, IE=0) 40 --- Vdc V(BR)EBO Collector-Emitter Breakdown Voltage (IE=10uAdc, IC=0) 5.0 --- Vdc ICEX Collector-Base Cutoff Current (VCE=30Vdc, VEB(OFF)=3.0Vdc) --- 50 nAdc IBL Emitter-Base Cutoff Current (VCE=30Vdc, VEB(OFF)=3.0Vdc) --- 50 nAdc ON CHARACTERISTICS (2) hFE DC Current Gain (IC=100uAdc, VCE=1.0Vdc) (IC=1.0mAdc, VCE=1.0Vdc) (IC=10mAdc, VCE=1.0Vdc) (IC=50mAdc, VCE=1.0Vdc) (IC=500mAdc, VCE=1.0Vdc) 60 80 100 60 30 --- --- 300 --- --- --- VCE(sat) Collector-Emitter Saturation Voltage (IC=10mAdc, IB=1.0mAdc) (IC=50mAdc, IB=5.0mAdc) --- --- 0.20 0.30 Vdc VBE(sat) Base-Emitter Saturation Voltage (IC=10mAdc, IB=1.0mAdc) (IC=50mAdc, IB=5.0mAdc) 0.65 --- 0.85 0.95 Vdc Note: 1. Valid provided that terminals are kept at ambient temperature. 2. Pulse test: Pulse width<300us, duty cycle<2% SOT-323 Suggested Solder Pad Layout INCHES MM DIM MIN MAX MIN MAX NOTE A .071 .087 1.80 2.20 B .045 .053 1.15 1.35 C .079 .087 2.00 2.20 D .026 Nominal 0.65Nominal E .047 .055 1.20 1.40 F .012 .016 .30 .40 G .000 .004 .000 .100 H .035 .039 .90 1.00 J .004 .010 .100 .250 K .012 .016 .30 .40 A C B D E F G H J 1.90 0.70 0.90 0.65 0.65 DIMENSIONS K omponents 20736 Marilla Street Chatsworth !"# $% !"# MCC Revision: A 20 11/01/01 TM Micro Commercial Components E B C www.mccsemi.com 1 of 3 mm • Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information) • Epoxy meets UL 94 V-0 flammability rating • Moisure Sensitivity Level 1 |
Numéro de pièce similaire - MMST3906 |
|
Description similaire - MMST3906 |