Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSP430F2002IPW Fiches technique(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
No de pièce MSP430F2002IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPW Fiches technique(HTML) 86 Page - Texas Instruments

Back Button MSP430F2002IPW Datasheet HTML 82Page - Texas Instruments MSP430F2002IPW Datasheet HTML 83Page - Texas Instruments MSP430F2002IPW Datasheet HTML 84Page - Texas Instruments MSP430F2002IPW Datasheet HTML 85Page - Texas Instruments MSP430F2002IPW Datasheet HTML 86Page - Texas Instruments MSP430F2002IPW Datasheet HTML 87Page - Texas Instruments MSP430F2002IPW Datasheet HTML 88Page - Texas Instruments MSP430F2002IPW Datasheet HTML 89Page - Texas Instruments MSP430F2002IPW Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 92 page
background image
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
MSP430F2001IPWR
TSSOP
PW
14
2000
346.0
346.0
29.0
MSP430F2001IRSAR
QFN
RSA
16
3000
346.0
346.0
29.0
MSP430F2001IRSAT
QFN
RSA
16
250
210.0
185.0
35.0
MSP430F2001TRSAR
QFN
RSA
16
3000
346.0
346.0
29.0
MSP430F2001TRSAT
QFN
RSA
16
250
210.0
185.0
35.0
MSP430F2002IPWR
TSSOP
PW
14
2000
346.0
346.0
29.0
MSP430F2002IRSAR
QFN
RSA
16
3000
346.0
346.0
29.0
MSP430F2002IRSAT
QFN
RSA
16
250
190.5
212.7
31.8
MSP430F2002TPWR
TSSOP
PW
14
2000
346.0
346.0
29.0
MSP430F2002TRSAR
QFN
RSA
16
3000
346.0
346.0
29.0
MSP430F2002TRSAT
QFN
RSA
16
250
190.5
212.7
31.8
MSP430F2003IPWR
TSSOP
PW
14
2000
346.0
346.0
29.0
MSP430F2003IRSAR
QFN
RSA
16
3000
346.0
346.0
29.0
MSP430F2003IRSAT
QFN
RSA
16
250
190.5
212.7
31.8
MSP430F2003TPWR
TSSOP
PW
14
2000
346.0
346.0
29.0
MSP430F2003TRSAR
QFN
RSA
16
3000
346.0
346.0
29.0
MSP430F2003TRSAT
QFN
RSA
16
250
190.5
212.7
31.8
MSP430F2011IPWR
TSSOP
PW
14
2000
346.0
346.0
29.0
MSP430F2011IRSAR
QFN
RSA
16
3000
346.0
346.0
29.0
MSP430F2011IRSAT
QFN
RSA
16
250
210.0
185.0
35.0
MSP430F2011TPWR
TSSOP
PW
14
2000
346.0
346.0
29.0
MSP430F2011TRSAR
QFN
RSA
16
3000
346.0
346.0
29.0
MSP430F2011TRSAT
QFN
RSA
16
250
210.0
185.0
35.0
MSP430F2012IPWR
TSSOP
PW
14
2000
346.0
346.0
29.0
MSP430F2012IRSAR
QFN
RSA
16
3000
346.0
346.0
29.0
MSP430F2012IRSAT
QFN
RSA
16
250
190.5
212.7
31.8
MSP430F2012TPWR
TSSOP
PW
14
2000
346.0
346.0
29.0
MSP430F2012TRSAR
QFN
RSA
16
3000
346.0
346.0
29.0
MSP430F2012TRSAT
QFN
RSA
16
250
190.5
212.7
31.8
MSP430F2013IPWR
TSSOP
PW
14
2000
346.0
346.0
29.0
MSP430F2013IRSAR
QFN
RSA
16
3000
346.0
346.0
29.0
MSP430F2013IRSAT
QFN
RSA
16
250
190.5
212.7
31.8
MSP430F2013TPWR
TSSOP
PW
14
2000
346.0
346.0
29.0
MSP430F2013TRSAR
QFN
RSA
16
3000
346.0
346.0
29.0
MSP430F2013TRSAT
QFN
RSA
16
250
190.5
212.7
31.8
PACKAGE MATERIALS INFORMATION
www.ti.com
19-Aug-2011
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92