| Moteur de recherche de fiches techniques de composants électroniques |
|
IP78M00ALCC4 Fiches technique(PDF) 8 Page - Seme LAB |
|
|
|||||||||||||||||||||||||||||
IP78M00ALCC4 Fiches technique(HTML) 8 Page - Seme LAB |
|
8 / 8 page ![]() POSITIVE FIXED VOLTAGE REGULATOR IP140ME/MAE, IP78M00/ALCC4 SERIES Semelab Limited Semelab Limited Semelab Limited Semelab Limited Coventry Road, Lutterworth, Leicestershire, LE17 4JB Telephone +44 (0) 1455 556565 Fax +44 (0) 1455 552612 Email: sales@semelab-tt.com Website: http://www.semelab-tt.com Document Number 2832 Issue 2 Page 8 of 8 APPLICATIONS INFORMATION REG GND VIN + 0.22uF Cin + VOUT VIN VOUT GND MECHANICAL DATA Dimensions in mm (inches) Fixed Output Regulator (a) Cin required if regulator is located an appropriate distance from power supply filter. (b) Cout required for stability for given value. 1.39 (0.055) 1.15 (0.045) 0.76 (0.030) 0.51 (0.020) 1.39 (0.055) 1.02 (0.040) 15 16 13 12 14 3 4 5 6 7 17 18 1 2 11 10 8 9 9.14 (0.360) 8.64 (0.340) 1.27 (0.050) 1.07 (0.040) ≈ 2.16 (0.085) 7.62 (0.300) 7.12 (0.280) 1.65 (0.065) 1.40 (0.055) 0.33 (0.013) 0.08 (0.003) 0.43 (0.017) 0.18 (0.007 Rad. Rad. LCC4 Underside View Pads Connection Pads 4, 5 VIN Pads 6, 7, 8, 9, 10, 11, 12, 13 VOUT Pads 1, 2, 15, 16, 17, 18 GND Pads 3, 14 No Connection |