| Moteur de recherche de fiches techniques de composants électroniques |
|
IP79M05J Fiches technique(PDF) 3 Page - Seme LAB |
|
|
|||||||||||||||||||||||||||||
IP79M05J Fiches technique(HTML) 3 Page - Seme LAB |
|
3 / 4 page ![]() 1) All characteristics are measured with a capacitor across the input of 0.22 mF and a capacitor across the output of 0.1mF. All characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tp £ 10ms, d£ 5%). Output voltage changes due to changes in internal temperature must be taken into account separately. 2) Test Conditions unless otherwise stated: TJ = 25°C PMAX = 2W for H Package (TO–39) PMAX = 1.05W for J Package (CERDIP) PMAX = 15W for SMD Package (SMD1) VO Output Voltage DVO Line Regulation DVO Load Regulation IQ Quiescent Current DIQ Quiescent Current Change VN Output Noise Voltage DVIN Ripple Rejection DVO Dropout Voltage Isc Short Circuit Current Ipk Peak Output Current Average Temperature Coefficient of VO IP79M12A IP79M12 IP120MA–12 IP120M–12 Parameter Test Conditions Min. Typ. Max. Min. Typ. Max. Units IO = 100mA VIN = -19V IO = 5mA to 350mA PD £ PMAX VIN = -14.5V to -30V TJ = -55 to 150°C VIN = -14.5V to -30V IO = 350mA VIN = -15V to -25V TJ = -55 to 150°C IO = 5mA to 500mA VIN = -19V TJ = -55 to 150°C VIN = -19V IO = 350mA TJ = -55 to 150°C IO = 5mA to 500mA VIN = -19V TJ = -55 to 150°C IO = 200mA VIN = -14.5V to -30V TJ = -55 to 150°C f = 10Hz to 100kHz f = 120Hz IO = 300mA VIN = -15V to IO = 100mA -25V TJ = -55 to 150°C IO = 350mA VIN = -35V VIN = -19V IO = 5mA -11.5 -12 -12.5 -11.4 -12.6 80 50 240 1.5 3 0.4 0.4 960 54 54 2.3 300 600 0.5 1.0 1.6 1.2 -11.88 -12 -12.12 -11.64 -12.36 418 418 10 60 1.5 3 0.1 0.4 0.1 0.4 96 960 58 72 58 72 1.1 2.3 300 600 0.5 1.0 1.4 1.2 4.8 V mV mV mA mA mV dB V mA A mV °C ELECTRICAL CHARACTERISTICS IP120MA SERIES IP120M SERIES IP79M00A SERIES IP79M00 SERIES Prelim. 9/00 Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk |
|
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |