Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP7912 Fiches technique(PDF) 4 Page - Seme LAB

No de pièce IP7912
Description  1.5 AMP NEGATIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEME-LAB [Seme LAB]
Site Internet  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP7912 Fiches technique(HTML) 4 Page - Seme LAB

  IP7912 Datasheet HTML 1Page - Seme LAB IP7912 Datasheet HTML 2Page - Seme LAB IP7912 Datasheet HTML 3Page - Seme LAB IP7912 Datasheet HTML 4Page - Seme LAB IP7912 Datasheet HTML 5Page - Seme LAB IP7912 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number 3725
Issue 2
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
1)
All characteristics are measured with a capacitor across the input of 2.2
µF and a capacitor across the output of 1.0µF.
All characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tp ≤ 10ms, δ≤ 5%). Output voltage changes due to changes in
internal temperature must be taken into account separately.
2)
Test Conditions unless otherwise stated: PMAX = 10W for SMD , P MAX = 20W for all other package devices, IMAX = 1.0A , TJ = 25°C
VO
Output Voltage
VO
Low Supply
∆VO Line Regulation
∆VO Load Regulation
IQ
Quiescent Current
∆IQ Quiescent Current
Change
VN
Output Noise
Voltage
∆VIN
Ripple Rejection
∆VO
Dropout Voltage
RO
Output Resistance
Isc
Short Circuit
Current
Ipk
Peak Output
Current
Average Temperature
Coefficient of VO
Input Voltage required to
maintain line regulation
IP/LM 7915A Series
IP/LM 7915 Series
IP/LM120A–15 Series
IP/LM120–15 Series
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
IO = 500mA
VIN = -23V
VIN = -17.9V to -30V PD ≤ PMAX
IO = 5mA to IMAX
TJ = -55 to 150°C
IO = 5mA to IMAX
PD ≤ PMAX
VIN = -17.5V to -30V
VIN = -17.5V to -30V
IO = 0.5 IMAX
VIN = -17.9V to -30V
TJ = -55 to 150°C
IO ≤ IMAX
VIN = -20V to -26V
TJ = -55 to 150°C
IO = 5mA to 1.5A
VIN = -23V
IO = 250mA to 750mA
VIN = -23V
IO = 5mA to IMAX
TJ = -55 to 150°C
IO ≤ 0.5 IMAX
VIN = -23V
TJ = -55 to 150°C
IO = 5mA to IMAX
VIN = -23V
TJ = -55 to 150°C
VIN = -17.5V to -30V
IO ≤ 0.5 IMAX
VIN = -18.5V to -30V
TJ = -55 to 150°C
f = 10Hz to 100kHz
VIN = -23V
f = 120Hz
IO ≤ IMAX
VIN = -18.5V to
IO ≤ 0.5 IMAX
-28.5V
TJ = -55 to 150°C
IO = IMAX
f = 1.0 kHz
VIN = -35V
VIN = -23V
IO = 5mA
IO ≤ IMAX
-14.7
-15
-15.3
-14.4
-15.6
-14.25
-15.75
4
150
4
250
275
5
150
12
80
475
9
150
1.0
1.9
1.0
2
0.2
0.4
0.2
0.5
0.1
0.4
0.1
1.0
90
1200
54
70
54
70
1.1
2.3
9
0.6
1.2
2.4
3.3
0.6
6
-17.5
-14.85
-15
-15.15
-14.55
-15.45
-14.25
-15.45
422
422
210
530
12
35
421
975
1.0
1.9
1.0
2
0.2
0.4
0.2
0.5
0.1
0.4
0.1
0.5
90
1200
56
70
56
70
1.1
2.3
9
0.6
1.2
2.4
3.3
0.6
6
-17.5
V
V
mV
mV
mA
mA
µV
dB
V
m
Ω
A
mV
°C
V
IP120 SERIES
IP7900 SERIES
LM120 SERIES
LM7900 SERIES



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com