Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TESDF5V0A Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No de pièce TESDF5V0A
Description  Bi-Directional ESD Protection Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TESDF5V0A Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TESDF5V0A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TESDF5V0A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TESDF5V0A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TESDF5V0A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TESDF5V0A
Bi-Directional ESD Protection Array
Small Signal Diode
Applications Information
Circuit Board Layout Recommendations
Place the ESD protection array as close to the input terminal or connector as possible
Keep parallel signal paths to a minimum
Be used on lines where the signal polarities are above and below ground
Designed for the bi-directional protection of 2 lines from the damage caused by Electro Static Discharge (ESD) and surge pulses
Minimize all printed-circuit board conductive loops including power and group loops
Provides a surge capability of 100 Watts peak Ppp per line for an 8/20 ms waveform.
Ground planes should be used. For multilayer printed-circuit boards, use ground vias
Below picture is the typical application for bi-directional protection of two lines
Avoid using shared transient return paths to a common ground point
TESDF5V0A
IO#1
IO#2
To
Protected
Device
Version : B1
1



Html Pages

1 2 3 4