| Moteur de recherche de fiches techniques de composants électroniques |
|
2N869AXCSM Fiches technique(PDF) 1 Page - Seme LAB |
|
|
|||||||||||||||||||||||||||||
2N869AXCSM Fiches technique(HTML) 1 Page - Seme LAB |
|
|
1 / 1 page ![]() 2N869AXCSM Bipolar PNP Device. V CEO = 25V I C = 0.1A All Semelab hermetically sealed products can be processed in accordance with the requirements of BS, CECC and JAN, JANTX, JANTXV and JANS specifications Parameter Test Conditions Min. Typ. Max. Units V CEO* 25 V I C(CONT) 0.1 A h FE @ 5/10m (V CE / IC) 20 200 - f t 100M Hz P D 0.36 W * Maximum Working Voltage This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk. Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Generated 2-Aug-02 Bipolar PNP Device in a Hermetically sealed LCC1 Ceramic Surface Mount Package for High Reliability Applications Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk Dimensions in mm (inches). 21 0.51 ± 0.10 (0.02 ± 0.004) 0.31 (0.012) 1.91 ± 0.10 (0.075 ± 0.004) 3.05 ± 0.13 (0.12 ± 0.005) 1.02 ± 0.10 (0.04 ± 0.004) 1.40 (0.055) max. A 0.31 (0.012) rad. rad. A = 3 PINOUTS 1 – Base 2 – Emitter 3 - Collector |
Numéro de pièce similaire - 2N869AXCSM |
|
Description similaire - 2N869AXCSM |