| Moteur de recherche de fiches techniques de composants électroniques |
|
MBR1035 Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
|
|||||||||||||||||||||||||||||
MBR1035 Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
|
2 / 2 page ![]() Version:H11 RATINGS AND CHARACTERISTIC CURVES (MBR1035 THRU MBR10200) FIG.1- FORWARD CURRENT DERATING CURVE 0 2 4 6 8 10 12 0 50 100 150 CASE TEMPERATURE ( oC) RESISTIVE OR INDUCTIVELOAD MBR1035-MBR1045 MBR1050-MBR10200 FIG. 2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 25 50 75 100 125 150 175 0 1 10 100 NUMBER OF CYCLES AT 60 Hz FIG. 4- TYPICAL REVERSE CHARACTERISTICS 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) TA=75℃ TA=125℃ TA=25℃ MBR1035-MBR1060 MBR1090-MBR10200 FIG. 5- TYPICAL JUNCTION CAPACITANCE 100 1000 10000 0.1 1 10 100 REVERSE VOLTAGE (V) TA=25℃ f=1.0MHz Vsig=50mVp-p FIG. 3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISRICS 0.01 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 FORWARD VOLTAGE (V) TA=125℃ Pulse Width=300uS 1% Duty Cycle TA=25℃ MBR1035-MBR1045 MBR1050-MBR1060 MBR1090-MBR10100 MBR10150-MBR10200 FIG. 6- TYPICAL TRANSIENT THERMAL CHARACTERISTIC 0.1 1 10 100 0.01 0.1 1 10 100 T-PULSE DURATION. (sec) |