Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBR1640FCT Fiches technique(PDF) 2 Page - Micro Commercial Components

No de pièce MBR1640FCT
Description  16 Amp Schottky Rectifier 20-100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR1640FCT Fiches technique(HTML) 2 Page - Micro Commercial Components

  MBR1640FCT Datasheet HTML 1Page - Micro Commercial Components MBR1640FCT Datasheet HTML 2Page - Micro Commercial Components MBR1640FCT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Average Forward Rectified Current - Amperes
versus
Ambient Temperature -
°C
Figure 3
Forward Derating Curve
0
0
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
16
125
90
8
MBR1620FCT thru MBR16100FCT
MCC
1
100
4
0
25
50
75
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperes
versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
610
20
60 80
40
100
125
150
Revision:
4
20
10/01/05
40
20
10
8
6
4
2
1.0
.8
..6
.4
.2
.1
.4
.5
.6
.7
.8
9
1.0
1.1
50. 60V
20. 30. 40V
TJ =25
PULSE WIDTH = 200
s
80. 100V
INSTANTANEOUS FORWARD CHARACTERISTIC
Fig. 2-TYPICAL INSTNATANEOUS FORWARD
CHARACTERISTIC
Average Forward Rectified Current - Amperes
versus
Ambient Temperature -
°C
Figure 3
Forward Derating Curve
0
0
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
16
125
90
8
Instantaneous Reverse Leakage Current - MicroAmperes
versus
Percent Of Rated Peak Reverse Voltage - Volts
Figure 1
Typical Reverse Characteristics
Volts
.4
.6
2
1
mAmps
0
20
40
60
80
.001
.002
.004
4
.006
.01
.02
.04
.06
.1
.2
4
6
10
140
TJ=25
°C
120
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3