Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LLSD101B Fiches technique(PDF) 3 Page - Micro Commercial Components

No de pièce LLSD101B
Description  Schottky Barrier Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LLSD101B Fiches technique(HTML) 3 Page - Micro Commercial Components

  LLSD101B Datasheet HTML 1Page - Micro Commercial Components LLSD101B Datasheet HTML 2Page - Micro Commercial Components LLSD101B Datasheet HTML 3Page - Micro Commercial Components LLSD101B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LLSD101A thru LLSD101C
0.01
0.1
1.0
10
0
0.5
1.0
A
B
C
V , FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristic
Variations for Primary Conduction
F
0
1
2
010
20
30
40
50
V , REVERSE VOLTAGE (V)
R
Fig.2 Typ. Junction Capacitance vs Reverse Voltage
T = 25 C
j
°
A
B
C
MCC
Revision: 5
2008/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3 4