| Moteur de recherche de fiches techniques de composants électroniques |
|
ACT8332 Fiches technique(PDF) 13 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT8332 Fiches technique(HTML) 13 Page - Active-Semi, Inc |
|
13 / 13 page ![]() ACT8332 Rev1, 24-May-10 PACKAGE INFORMATION Innovative Power TM - 13 - www.active-semi.com Copyright © 2010 Active-Semi, Inc. ActivePMU TM is a trademark of Active-Semi. PACKAGE OUTLINE TDFN33-10 PACKAGE OUTLINE AND DIMENSIONS SYMBOL DIMENSION IN MILLIMETERS DIMENSION IN INCHES MIN MAX MIN MAX A 0.700 0.800 0.028 0.031 A1 0.000 0.050 0.0000 0.002 A3 0.153 0.006 D 2.900 3.100 0.114 0.122 E 2.900 0.114 D2 2.350 0.093 E2 0.065 b 0.200 0.320 0.008 0.012 e 0.500 TYP 0.020 TYP L 0.300 0.500 0.012 0.020 1.650 3.100 0.122 0.253 0.010 2.450 1.750 0.069 0.096 D E D2 E2 e b L Active-Semi, Inc. reserves the right to modify the circuitry or specifications without notice. Users should evaluate each product to make sure that it is suitable for their applications. Active-Semi products are not intended or authorized for use as critical components in life-support devices or systems. Active-Semi, Inc. does not assume any liability arising out of the use of any product or circuit described in this datasheet, nor does it convey any patent license. Active-Semi and its logo are trademarks of Active-Semi, Inc. For more information on this and other products, contact sales@active-semi.com or visit http://www.active-semi.com. ® is a registered trademark of Active-Semi. |