Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RFVC1802 Fiches technique(PDF) 5 Page - RF Micro Devices

No de pièce RFVC1802
Description  WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 4GHZ TO 8GHZ
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFMD [RF Micro Devices]
Site Internet  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC1802 Fiches technique(HTML) 5 Page - RF Micro Devices

  RFVC1802 Datasheet HTML 1Page - RF Micro Devices RFVC1802 Datasheet HTML 2Page - RF Micro Devices RFVC1802 Datasheet HTML 3Page - RF Micro Devices RFVC1802 Datasheet HTML 4Page - RF Micro Devices RFVC1802 Datasheet HTML 5Page - RF Micro Devices RFVC1802 Datasheet HTML 6Page - RF Micro Devices RFVC1802 Datasheet HTML 7Page - RF Micro Devices RFVC1802 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5 of 8
RFVC1802
DS100615
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin Out
Pin
Function
Description
1-3,
5-11,
13,
17-24
NC
No internal connection. Connect to PCB ground.
4VTUNE
VCO control voltage input
12
VS
Supply voltage input for the VCO and Buffer stage.
14,16
GND
Pin internally bonded to package paddle. Connect to PCB ground.
15
RFOUT
VCO RF output. Pin is internally DC-blocked.
Pad-
dle
GND
Exposed paddle on backside needs to be soldered to PCB ground.



Html Pages

1 2 3 4 5 6 7 8