| Moteur de recherche de fiches techniques de composants électroniques |
|
ACT4515 Fiches technique(PDF) 3 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT4515 Fiches technique(HTML) 3 Page - Active-Semi, Inc |
|
3 / 16 page ![]() ACT4515 Rev 4, 21-Jul-11 Active-Semi Innovative Power TM - 3 - www.active-semi.com Copyright © 2011 Active-Semi, Inc. ABSOLUTE MAXIMUM RATINGS PARAMETER VALUE UNIT IN to GND -0.3 to 40 V SW to GND -1 to VIN + 1 V HSB to GND VSW - 0.3 to VSW + 7 V FB, EN, ISET, COMP to GND -0.3 to + 6 V Junction to Ambient Thermal Resistance 105 °C/W Operating Junction Temperature -40 to 150 °C Storage Junction Temperature -55 to 150 °C Lead Temperature (Soldering 10 sec.) 300 °C : Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may affect device reliability. |