Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT30AYT Fiches technique(PDF) 9 Page - Active-Semi, Inc

No de pièce ACT30AYT
Description  High Performance Off-Line Controller ActiveSwitcher??IC Family
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTIVE-SEMI [Active-Semi, Inc]
Site Internet  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT30AYT Fiches technique(HTML) 9 Page - Active-Semi, Inc

Back Button ACT30AYT Datasheet HTML 2Page - Active-Semi, Inc ACT30AYT Datasheet HTML 3Page - Active-Semi, Inc ACT30AYT Datasheet HTML 4Page - Active-Semi, Inc ACT30AYT Datasheet HTML 5Page - Active-Semi, Inc ACT30AYT Datasheet HTML 6Page - Active-Semi, Inc ACT30AYT Datasheet HTML 7Page - Active-Semi, Inc ACT30AYT Datasheet HTML 8Page - Active-Semi, Inc ACT30AYT Datasheet HTML 9Page - Active-Semi, Inc ACT30AYT Datasheet HTML 10Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ACT30
Rev 5, 05-Jun-09
Active-Semi
Innovative Power
TM
- 9 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActiveSwitcher
TM is a trademark of Active-Semi.
PACKAGE OUTLINE
TO-92 PACKAGE OUTLINE AND DIMENSIONS (AMMO TAPE PACKING)
SYMBOL
DIMENSION IN
MILIMETERS
DIMENSION IN
INCHES
MIN
MAX
MIN
MAX
A
3.300
3.700
0.130
0.146
A1
1.100
1.400
0.043
0.055
b
0.380
0.550
0.015
0.022
c
0.360
0.510
0.014
0.020
D
4.400
4.700
0.173
0.185
D1
3.430
0.135
E
4.300
4.700
0.169
0.185
e
1.270 TYP
0.050 TYP
e1
2.440
2.640
0.096
0.104
Φ
1.600
0.063
h
0.000
0.380
0.000
0.015
SYMBOL
DIMENSION IN
MILIMETERS
DIMENSION IN
INCHES
MIN
MAX
MIN
MAX
∆k
-1.000
1.000
-0.039
0.039
F1, F2
2.200
2.800
0.087
0.110
H
19.00
21.00
0.748
0.827
H0
15.50
16.50
0.610
0.650
L1
2.500
0.098
P
12.40
13.00
0.488
0.512
∆P
-1.000
1.000
-0.039
0.039
P0
12.50
12.90
0.492
0.508
P1
3.550
4.150
0.140
0.163
P2
6.050
6.650
0.238
0.262
Q1
3.800
4.200
0.150
0.165
t1
0.350
0.450
0.014
0.018
t2
0.150
0.250
0.006
0.010
W
17.50
19.00
0.689
0.748
W0
5.500
6.500
0.217
0.256
W1
8.500
9.500
0.335
0.374
W2
1.000
0.039
P0
Q1
P
∆P
P2
P1
F1 F2
∆k
D1
Φ
D
b
e
e1



Html Pages

1 2 3 4 5 6 7 8 9 10