Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

YF01132CWCNQ Fiches technique(PDF) 2 Page - C&K Components

No de pièce YF01132CWCNQ
Description  4 Tumbler Miniature Switchlocks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

YF01132CWCNQ Fiches technique(HTML) 2 Page - C&K Components

  YF01132CWCNQ Datasheet HTML 1Page - C&K Components YF01132CWCNQ Datasheet HTML 2Page - C&K Components YF01132CWCNQ Datasheet HTML 3Page - C&K Components YF01132CWCNQ Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
L–12
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
L
KEYING
0029
.772
(19,6)
.174
(4,19)
1.435
(36,44)
.548
(13,91)
2
POS. 1
TERMINAL NUMBERS
MOLDED ON HOUSING
0029
= Detent Positions (45º or 90º )
= Key pull possible in these positions.
= Stop Positions
LEGEND
Terminal numbers molded
on bottom of housing.
TERMINAL NUMBERS
Part number shown: YF01132C203NQ
NOTE: All orders keyed alike with code number on key. For more than one key code,
replacement keys, or other special features, consult Customer Service Center.
2
TWO NICKEL PLATED BRASS KEYS
POS. 1
2
All models
with all options when ordered with ‘Q’ contact material.
C&K YF Series
4 Tumbler Miniature Switchlocks
SWITCH AND LOCK FUNCTION
Positions 1 & 2
1-3
1-3, 5-7
8-1
8-1, 4-5
YF011U
YF211U
SP
DP
Position 1
1-3
1-3, 5-7
8-1
8-1, 4-5
YF0013
YF2113
SP
DP
INDEXING
LOCK
CONFIGURATION
KEY PULL
POSITIONS
CONNECTED TERMINALS
POS. 1
POS. 2
POS. 3
MODEL
NO.
NO.
POLES
SINGLE & DOUBLE POLE SWITCHES
90º
Key Part Number: 119091029



Html Pages

1 2 3 4