Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPC Fiches technique(PDF) 3 Page - C&K Components

No de pièce TPC
Description  Tri-direction Scan Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TPC Fiches technique(HTML) 3 Page - C&K Components

  TPC Datasheet HTML 1Page - C&K Components TPC Datasheet HTML 2Page - C&K Components TPC Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ø
ø
1,5
4,1
B
B
1,5
+0,25
0
5,38
9,75 ± 0,1
A
0,305 ± 0,02
A
12 ± 0,1
1,5
+0,1
0
2 ± 0,1
4 ± 0,1
C
C-13
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
TPC Series
Tri-direction Scan Switch
11
9,2
6,8
ø1
0
-0,05
ø0,1
1,65
max
0,65
6,8
ø1,1
+0,1
0
9
11,9
12,2
11,2±0,15
0,05
0,2
6,4
10,2
6
11,5±0,15
005
0±0,05
7000'
4,7
2,2
0,58
max
11
F/D RIGHT
F/D LEFT
F/D SELECT
0
1
2
3
PCB LAYOUT ( TOP VIEW )
Prohibited areas
INITIAL
3
1
02
3
1
02
3
1
02
3
1
02
3
1
02
SCAN
SELECT
OR
OR
( NO SIMULTANEITY REQUIRED BETWEEN THE BOTH WAYS )
3
1
02
LEFT
RIGHT
ELECTRICAL SKETCH
2133
3512
PCB cutting
2
1
3
TPC2133G
TAPE & REEL



Html Pages

1 2 3