| Moteur de recherche de fiches techniques de composants électroniques |
|
TMCGD6SP0040C Fiches technique(PDF) 4 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
TMCGD6SP0040C Fiches technique(HTML) 4 Page - C&K Components |
|
4 / 6 page ![]() J TM Series Miniature Snap-acting Switches ACTUATOR FIG. 3 A B C Lever FIG. 4 A B C D Simulated Roller — .600 ± .080 (15,24 ± 2,03) .58 (14,7) 1.62 (41,1) 3 T25 .25 dia. (6,4Ø) .740 ± .090 (18,80 ± 2,29) .58 (14,7) 1.50 (38,1) 4 T24 .19 dia. (4,8Ø) .810 ± .065 (20,57 ± 1,65) .58 (14,7) 1.56 (39,6) 4 T23 — .600 ± .045 (15,24 ± 1,14) .58 (14,7) 1.06 (26,9) 3 T20 — .600 ± .093 (15,24 ± 2,36) .36 (9,1) 2.75 (69,9) 3 T18 — .600 ± .052 (15,24 ± 1,57) .36 (9,1) 2.00 (50,8) 3 T17 — .600 ± .062 (15,24 ± 1,57) .36 (9,1) 2.34 (59,4) 3 T16 — .600 ± .040 (15,24 ± 1,02) .36 (9,1) 1.40 (35,6) 3 T15 .25 dia. (6,4Ø) .740 ± .050 (18,8 ± 1,3) .36 (9,1) 1.29 (32,8) 4 T14 .19 dia. (4,8Ø) .810 ± .040 (20,57 ± 1,02) .36 (9,1) 1.34 (34,0) 4 T13 — .600 ± .020 (15,24 ± 0,51) .36 (9,1) .84 (21,3) 3 T10 2.56 (65,0) T26 HIGH FORCE, LOW MOTION PIVOT POSITION LOW FORCE, HIGH MOTION PIVOT POSITION NOTE: Lever actuator options are available in either of two pivot positions. Levers located in the forward pivot position have lower forces and higher motions. Levers located in the rear pivot position have higher forces and lower motions. Available with actuators A10, A15, T10, T13, T14, T15, T16, T17 and T18. Available with actuators A20, A25, T20, T23, T24, T25, T26, T27 and T28. FIG. 1 A B C D Lever Roller FIG. 2 A C Pin Roller .19 dia. (4,8Ø) .810 ± .080 (20,57 ± 2,03) .58 (14,7) 1.56 (39,6) 1 A25 .19 dia. (4,8Ø) .810 ± .050 (20,57 ± 1,27) .58 (14,7) 1.03 (26,2) 1 A20 .19 dia. (4,8Ø) .810 ± .040 (20,57 ± 1,02) .36 (9,1) 1.34 (34,0) 1 A15 .19 dia. (4,8Ø) .810 ± .020 (20,57 ± 0,51) .36 (9,1) .81 (20,6) 1 A10 — .578 ± .015 (14,68 ± 0,38) — .80 (20,3) 2 P00 DIM. D DIM. C DIM. B DIM. A FIG. OPTION CODE 3 .56 (14,7) — .600±.125 (15,24±3.18) 2.22 (56,4) T27 3 .58 (14,7) — .600±.125 (15,24±3.18) 2.97 (75,4) T28 3 .58 (14,7) — .600±.187 (15,24±4.75) J–14 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ck-components.com |