Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KSS2GLFS Fiches technique(PDF) 2 Page - C&K Components

No de pièce KSS2GLFS
Description  Subminiature SMT Side Actuated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSS2GLFS Fiches technique(HTML) 2 Page - C&K Components

  KSS2GLFS Datasheet HTML 1Page - C&K Components KSS2GLFS Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B–22
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
A
A
B
B
ø
ø
+0,1
0
3,9 ± 0,1
1,5
5 ± 0,1
8 ± 0,1
2 ± 0,1
1,5
4 ± 0,1
+0,1
0
Common
1,7
(4x)
1
2
3
+0,15
0
==
==
+0,15
-0,10
1,1
3,1
4.18
3,5
4,4
1.7 ± 0.05
ACTUATOR
TERMINATION
2 STANDARD, 1,1 (0.043)
3 LARGE, 1,8 (0.070)
KSS
G GULLWING
W 3 WAY, 4 REDUNDANT CONTACTS
KSS Series
Subminiature SMT Side Actuated
4,4
(.173)
4,4
(.173)
DIRECTION OF FEED
(2x)
1,7
7,6
TAPE & REEL



Html Pages

1 2