Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KST Fiches technique(PDF) 2 Page - C&K Components

No de pièce KST
Description  Long Travel Tact Switch for SMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KST Fiches technique(HTML) 2 Page - C&K Components

  KST Datasheet HTML 1Page - C&K Components KST Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KST
KST Series
Long Travel Tact Switch for SMT
ø2,8
(.110)
6,2+0,3/-0,0
(.244+.012/-.000)
J J BEND
G GULLWING
3,0 max.
(.118)
8,6 min.
(.339)
5,8 max.
(.228)
12,0 min.
(.472)
6,8+0,2/-0,1
(.268+.008/-.004)
0,1
5,6±0,1
(.220±.004)
6,7±0,1
(.264±.004)
12±0,1
(.472±.004)
0,4±0,03
(.016±.001)
ø1,5+0,2/-0,0
(.059+.008/-.000)
2±0,05
(.079±.002)
4±0,1
(.157±.004)
2±0,05
(.079±.002)
4±0,1
(.157±.004)
ø1,5+0,2/-0,0
(.059+.008/-.000)
5,6±0,1
(.220±.004)
6,7±0,1
(.264±.004)
0,2
12,0±0,1
(.472±.004)
0,4±0,03
(.016±.001)
ø1,5+0,2/-0,0
(.059+.008/-.000)
2,0±0,05
(.079±.002)
4,0±0,1
(.157±.004)
2,0
(.079)
ø1,5+0,1/-0,0
(.059+.004/-.000)
5˚ max
4,0±0,1
(.157±.004)
FOR J TERMINATION
FOR G TERMINATION
Direction of feed
Direction of feed
PAD LAYOUT
PAD LAYOUT
TAPE & REEL
B–44
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B



Html Pages

1 2