Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KSC5 Fiches technique(PDF) 2 Page - C&K Components

No de pièce KSC5
Description  Tact Switch with Rocker Option for SMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC5 Fiches technique(HTML) 2 Page - C&K Components

  KSC5 Datasheet HTML 1Page - C&K Components KSC5 Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B–31
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
J J BEND
G GULLWING
10±0,3
(.394±.012)
7,5+0,3/-0,0
(.295+.012/-.000)
12
(.472)
2±0,05
(.079±.002)
4
(.157)
6,6
(.260)
3,0
(.118)
ø2±0,1
(.079±.004)
ø1,5+0,1/-0,0
(.059+.004/-.000)
0,4±0,03
(.016±.001)
R 0,9
(.035)
2±0,05
(.079±.002)
6,8+0,2/-0,1
(.268+.008/-.004)
3,0 max.
(.118)
8,6 min.
(.339)
PAD LAYOUT
5,8 max.
(.228)
12,0 min.
(.472)
PAD LAYOUT
KSC5
KSC5 Series
Tact Switch with Rocker Option for SMT
ø4,7+0,1/-0,0
(.185+.004/-.000)
ø2,4
(.094)
100,3
(.394.012)
0,5
(.020)
7,5+0,3/-0,0
(.295+.012/-.000)
6,2+0,3/-0,0
(.244+.012/-.000)
FOR KSC5 G & J TERMINATION
DIRECTION OF FEED
KSC521G
TAPE & REEL



Html Pages

1 2