| Moteur de recherche de fiches techniques de composants électroniques |
|
KSC Fiches technique(PDF) 6 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
KSC Fiches technique(HTML) 6 Page - C&K Components |
|
6 / 7 page ![]() B–28 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ck-components.com B KSC Series Sealed Tact Switch for SMT FOR KSC4 FOR G TERMINATION B B 5,6 (.220) 6,7±0,1 (.264±.004) 12±0,1 (.472±.004) 2±0,05 (.079±.002) 4±0,1 (.157±.004) ø1,5+0,1/-0,0 (.059+.004/-.000) ø1,5+0,2/-0,0 (.059+.008/-.000) 0,4±0,03 (.016±.001) 2˚0' R 1,15 (.045) 2,05 (.081) 0,15±0,02 (.006±.001) 2±0,05 (.079±.002) FOR KSC4 FOR J TERMINATION B B 5,6 (.220) 6,7±0,1 (.264±.004) 12±0,1 (.472±.004) 2±0,05 (.079±.002) 4±0,1 (.157±.004) ø1,5+0,1/-0,0 (.059+.004/-.000) ø1,5+0,2/-0,0 (.059+.008/-.000) 0,4±0,03 (.016±.001) 2˚0' R 1,15 (.045) 2,05 (.081) 0,15±0,02 (.006±.001) 2±0,05 (.079±.002) B B A A 12,0 (.472) 6,4 (.252) 3,0 (.118) 4,0 (.157) ø1,5+0,1/-0,0 (.059+.004/-.000) ø2+0,1/-0,0 (.079+.004/-.000) 20,05 (.079.002) 7,7+0,1/-0,0 (.303.004/-.000) 2,5 (.098) 1,7 (.067) 15˚ 0,40,03 (.016.001) 4˚ 15˚ 0,1 20,05 (.079.002) FOR KSC6 G & J TERMINATION Direction of feed Direction of feed Direction of feed TAPE & REEL |