Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KSA0M511 Fiches technique(PDF) 1 Page - C&K Components

No de pièce KSA0M511
Description  Sealed Tact Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSA0M511 Fiches technique(HTML) 1 Page - C&K Components

  KSA0M511 Datasheet HTML 1Page - C&K Components KSA0M511 Datasheet HTML 2Page - C&K Components KSA0M511 Datasheet HTML 3Page - C&K Components KSA0M511 Datasheet HTML 4Page - C&K Components KSA0M511 Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
B–55
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
KSA & KSL Series
Sealed Tact Switch
Features/Benefits
• Designed for automatic or
manual insertion
• Cambered terminals to ensure
self retention
• Top or side actuated
• Large choice of caps
• RoHS compliant and compatible
Typical Applications
• Automotive
• Industrial
• Telecommunication networks
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed above, please consult your local representative.
Ground Terminal
0 Without
1 With*
Insertion
M Manual (bulk packaging)
A Automatic (tube packaging)
V Vertical (bulk packaging)*
K
S
Contact Material
1 Silver contacts
3 Gold contacts
Actuator Type
A Short hard plastic
L Long hard plastic
Operation Force
2 1.3 N (130 grams), 100,000 operations
3 1.3 N (130 grams), 1,000,000 operations
4 3 N (300 grams), 100,000 operations
Sealing
1 Sealed
Specification
CONTACT ARRANGEMENT: SPST, N.O.
DOUBLE OVERMOLDING ON TERMINAL
SEALING: IP60
TERMINALS: PC pins, ground pin optional
Mechanical
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA
1 mA
DIELECTRIC STRENGTH: 300 Vrms
CONTACT RESISTANCE: < 100m
Ω
INSULATION RESISTANCE (100 V): > 109
Ω
BOUNCE TIME: < 1 ms
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-40˚C to 85˚C
-55˚C to 125˚C
Process
Wave soldering compatible with lead free soldering profile.
Packaging
Can be delivered in tubes of 65 pieces for automatic insertion or
in boxes of 500 pieces for manual insertion (250 pieces for KSL,
KSLV, KSAV).
Actuation force
Operating life
Travel to
Type
N
(operations)
make
KSA0M211
1 - 1,8
100,000
0,5 ± 0,2
KSA0M311
1 - 1,8
1,000,000
0,5 ± 0,2
KSA0M411
2,25 - 3,75
100,000
0,6 ± 0,2
KSA0M511
3,5 - 6,5
100,000
0,7 ± 0,2
KSA0M911
2,25 - 3,75
500,000
0,6 ± 0,2
KSL0M211
1 - 1,8
100,000
0,5 ± 0,2
KSL0M311
1 - 1,8
1,000,000
0,5 ± 0,2
KSL0M411
2,25 - 3,75
100,000
0,6 ± 0,2
KSL0M511
3,5 - 6,5
100,000
0,7 ± 0,2
KSL0M911
2,25 - 3,75
500,000
0,6 ± 0,2
SWITCH
*Note: “1” Ground terminal not compatible with “V” insertion
*NOTE: Please note that all buttons are not RoHS compliant. Please check the compliance with your C&K sales representative.
L
F
T
RoHS compliant and compatible.
Tin plated.
5 5 N (500 grams), 100,000 operations
9 3 N (300 grams), 500,000 operations
NOTE: Other versions in terms of force, termination length and corrosion protection
available. Please contact your sales representative.
This data sheet does not provide enough information for applications which require a
certain level of quality or safety such as automotive, medical systems, safety equipment.
Please contact your sales representative to get contractual specification package.
B
T
N
K
0
Button Style
K01 10 mm square snap-on
K02 ø8 mm round snap-on
K03 8,5 x 3,8 mm single floating
K04 18,5 x 3,8 mm double floating
K05 5 mm square
Button Color
10 Dark gray
20 Light gray
30 Yellow
40 Red
50 Green
60 Blue
70 Gray-blue
80 Ivory
90 Black
BUTTONS Buttons must be ordered separately and will be supplied in bulk.
K06 10 x 2,5 mm snap-on handle
K07 5 mm square
K08 9,9 x 5 mm rectangular
K09 ø6,2 mm round


Numéro de pièce similaire - KSA0M511

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
KSA0M511 CK-COMPONENTS-KSA0M511 Datasheet
687Kb / 22P
Low-profile Tact Switch
KSA0M511 CK-COMPONENTS-KSA0M511 Datasheet
272Kb / 6P
KSA & KSL Series Sealed Tact Switch
KSA0M511 CK-COMPONENTS-KSA0M511 Datasheet
249Kb / 5P
KSA KSL Series Sealed Tact Switch
KSA0M511 CK-COMPONENTS-KSA0M511 Datasheet
359Kb / 5P
Designed for automatic or manual insertion
KSA0M511 CK-COMPONENTS-KSA0M511 Datasheet
481Kb / 5P
Sealed Tact Switch
15 Oct 21
More results

Description similaire - KSA0M511

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
STXW BOURNS-STXW Datasheet
232Kb / 2P
Sealed Tact Switch
logo
ITT Industries
KSA ITT-KSA Datasheet
253Kb / 5P
Sealed Tact Switch
logo
C&K Components
KSA0M212 CK-COMPONENTS-KSA0M212 Datasheet
198Kb / 2P
High Performance Sealed Tact Switch
KSC241JLFS CK-COMPONENTS-KSC241JLFS Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC343GLFG CK-COMPONENTS-KSC343GLFG Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC243JLFG CK-COMPONENTS-KSC243JLFG Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC341JLFS CK-COMPONENTS-KSC341JLFS Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSA CK-COMPONENTS-KSA_V01 Datasheet
482Kb / 5P
Sealed Tact Switch
2021
KSAKSL CK-COMPONENTS-KSAKSL Datasheet
481Kb / 5P
Sealed Tact Switch
15 Oct 21
KSAKSLMKII CK-COMPONENTS-KSAKSLMKII Datasheet
186Kb / 2P
High Performance Sealed Tact Switch
30 Jan 19
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com