| Moteur de recherche de fiches techniques de composants électroniques |
|
AYZ Fiches technique(PDF) 2 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
AYZ Fiches technique(HTML) 2 Page - C&K Components |
|
2 / 3 page ![]() I I–47 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ck-components.com AYZ Series Miniature Slide Switches (0,2) CHAMFER .020 TYP (0,5) .138 (3,5) .020 TYP (0.5) .059 (1,5) .217 (5,5) (0,8) .386 (9,8) .039 (1,0) .059 (1,5) .079 (2,0) .079 (2,0) .315 (8,0) .079 (2,0) .315 (8,0) .108 (2,75) .217 (5,5) (0,85) .008 TYP (0,2) .039 (1,0) .178 (4,5) .236 (6,0) .049 (1,2) .039 (1,0) .177 (4,5) .268 (6,8) (ø.034) (ø.032 TYP) (.008 x 45º) PC MOUNTING 1 2 C 1 2 C 3 3 4 5 C 6 4 5 C 6 POS.1 POS.3 POS.2 1-C,4-C 3-C,6-C 2-C,5-C 1 4 C C 3 6 CONN. TERMINALS SCHEMATIC PART NUMBER SWITCH FUNCTION DP3T AYZ0203AGRLC ROHS Compliant ROHS Compatible ON ON ON YES YES 2 5 (0,2) CHAMFER .020 TYP (0,5) .118 (3,0) .020 TYP (0.5) .059 (1,5) .217 (5,5) (0,8) .032 (0,8) .051 (1,3) .008 TYP (0,2) .088 (2,25) .118 (3,0) .386 (9,8) .039 (1,0) .039 (1,0) .059 (1,5) .079 (2,0) .079 (2,0) .315 (8,0) .079 (2,0) .126 (3,2) .079 (2,0) .315 (8,0) .108 (2,75) .217 (5,5) (0,85) (ø.032 TYP) (.008 x 45º) (ø.034) PC MOUNTING 1 2 3 1 2 3 4 4 2 1 C 4 2-C 3 POS.1 POS.3 POS.2 CONN. TERMINALS SCHEMATIC PART NUMBER SWITCH FUNCTION SP3T ROHS Compliant ROHS Compatible ON ON ON YES YES AYZ0103AGRLC 1-3 3-4 2 5 1 4 3 6 C C POS.1 POS.2 1-2,4-5 2-3,5-6 CONN. TERMINALS SCHEMATIC DPDT PART NUMBER SWITCH FUNCTION AYZ0202AGRLC ON ON YES YES RoHS Compliant RoHS Compatible (0,2) CHAMFER .020 TYP (0,5) .098 (2,5) .098 (2,5) .138 (3,5) .020 TYP (0,5) .059 (1,5) .118 (3,0) (0,8) .008 TYP (0,2) .283 (7,2) .118 (3,0) .039 (1,0) .039 (1,0) .059 (1,5) .178 (4,5) .236 (6,0) .049 (1,2) .039 (1,0) .177 (4,5) .268 (6,8) (0,85) .039 (1,0) .197 (5,0) .008 X 45º Ø.034 Ø.032 TYP PC MOUNTING 1 2 3 1 2 3 4 5 6 4 5 6 SWITCH SHOWN IN POSITION 1 SWITCH SHOWN IN POSITION 1 SWITCH SHOWN IN POSITION 1 |