| Moteur de recherche de fiches techniques de composants électroniques |
|
BAT54SWT Fiches technique(PDF) 2 Page - Micro Commercial Components |
|
|
|||||||||||||||||||||||||||||
BAT54SWT Fiches technique(HTML) 2 Page - Micro Commercial Components |
|
2 / 3 page ![]() Figure 1 Figure 3 Figure 4 Figure 2 Pin Configuration - Top View MCC www.mccsemi.com Revision: A 20 11/01/01 BAT54WT thru BAT54SWT TM Micro Commercial Components 0 50 100 150 200 250 25 0 50 75 100 125 150 T , AMBIENT TEMPERATURE (°C) A Fig. 4 Power Derating Curve 300 0 2 4 10 8 6 12 0 10 15 5 20 30 25 V , REVERSE VOLTAGE (V) R Fig. 3 Typical Capacitance vs. Reverse Voltage f = 1.0MHz 0.001 0.01 0.1 10 1 100 0 5 10 15 20 25 30 V , INSTANTANEOUS REVERSE VOLTAGE (V) R Fig. 2 Typical Reverse Characteristics T = 25ºC A T = 75ºC A T = 125ºC A T = 0ºC A 0.1 0.01 1 0.001 0.0001 0 1.0 0.4 0.6 0.8 0.2 V , INSTANTANEOUS FORWARD VOLTAGE (V) F Fig. 1 Forward Characteristics T = -40ºC A T = 125ºC A T = 75ºC A T = 25ºC A T = 0ºC A 2 of 3 |