Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT48 Fiches technique(PDF) 2 Page - Micro Commercial Components

No de pièce BAT48
Description  Small Signal Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT48 Fiches technique(HTML) 2 Page - Micro Commercial Components

  BAT48 Datasheet HTML 1Page - Micro Commercial Components BAT48 Datasheet HTML 2Page - Micro Commercial Components BAT48 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


MCC
BAT48
Revision:
A
20
11/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3
Characteristics (Tj=25
unless otherwise specified)
Figure 1. Admissible power dissipation
vs. ambient temperature
Figure 2. Forward characteristics
Figure 3. Typical reverse characteristics
Ambient temperature: Ta(
)
Forward voltage: VF(V)
Reverse voltage: VR(V)



Html Pages

1 2 3