| Moteur de recherche de fiches techniques de composants électroniques |
|
LM358MX Fiches technique(PDF) 4 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
LM358MX Fiches technique(HTML) 4 Page - Rohm |
|
4 / 18 page ![]() Technical Note 4/17 LM358MX,LM2904MX,LM324MX,LM324MTX,LM2902MX www.rohm.com 2011.06 - Rev.C © 2011 ROHM Co., Ltd. All rights reserved. ● Reference Data LM358 family (*)The data above is ability value of sample, it is not guaranteed. 0 200 400 600 800 0 25 50 75 100 AMBIENT TEMPERATURE [℃] 25℃ 25℃ Supply Current – Supply Voltage 0℃ Supply Current – Ambient Temperature 3V 32V 5V Derating Curve Maximum Output Voltage – Supply Voltage (RL=10[kΩ]) 0℃ Maximum Output Voltage – Ambient Temperature (VCC=5[V],RL=2[kΩ]) Output Source Current – Output Voltage (VCC=5[V]) 0℃ 25℃ 70℃ Output Source Current – Ambient Temperature (VOUT=0[V]) 15V 3V 5V Output Sink Current – Output Voltage (VCC=5[V]) 0℃ 25℃ 70℃ Output Sink Current – Ambient Temperature (VOUT=VCC) 3V 5V 15V Low Level Sink Current - Supply Voltage (VOUT=0.2[V]) 0℃ 25℃ Low Level Sink Current - Ambient Temperature (VOUT=0.2[V]) 32V 5V 3V Input Offset Voltage - Supply Voltage (Vicm=0[V], VOUT=1.4[V]) 0℃ 25℃ LM358 family 70℃ 70℃ 70℃ 70℃ BA2904 family BA2904 family LM358 family LM358 family LM358 family LM358 family LM358 family LM358 family LM358 family LM358 family LM358 family Fig. 1 Fig. 2 Fig. 3 Fig. 4 Fig. 5 Fig. 6 Fig. 7 Fig. 8 Fig. 9 Fig. 10 Fig. 11 Fig. 12 LM358 family LM358 family LM358MX 70 |