Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESR18EZPFD Fiches technique(PDF) 3 Page - Rohm

No de pièce ESR18EZPFD
Description  Anti-surge Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

ESR18EZPFD Fiches technique(HTML) 3 Page - Rohm

  ESR18EZPFD Datasheet HTML 1Page - Rohm ESR18EZPFD Datasheet HTML 2Page - Rohm ESR18EZPFD Datasheet HTML 3Page - Rohm ESR18EZPFD Datasheet HTML 4Page - Rohm ESR18EZPFD Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ESR18
Resistors
Rev.F
3/4
Dimensions (Unit : mm)
No.
Material
Resistive element (Oxide metal thick film)
Silver thick film electrode
Nickel electrode
Sn electrode
Alumina substrate
Overcoating (Resin)
1
2
3
4
5
6
0.3
±0.25
0.5
±0.25
3.2
±0.15
1
2
4
5
3
6
Packaging
C
AB
D
AB
C
D
P0
P2
P1
E
F
W
T2
φD0
A2
B2
Label
EIAJ ET-7200B compliant
Thick paper
mount
(Underside paper tape)
Chip resistor Square punchout hole
Heat crimp cover Tape
φ180
0
−1.5
φ60
+1
0
9
+1.0
0
φ13±0.2
4.0
±0.1
4.0
±0.1
2.0
±0.05
Max. 1.1
φ1.5
+0.1
0
8.0
±0.3
3.5
±0.05
1.75
±0.1
1.95 +
0.1
−0.05
3.5 +
0.15
−0.05
(Unit : mm)
(Unit : mm)
WF
E
A2
B2
D0
P0
P1
P2
T2
Reel
Taping



Html Pages

1 2 3 4 5