Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESR10EZPFD Fiches technique(PDF) 3 Page - Rohm

No de pièce ESR10EZPFD
Description  Anti-surge Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

ESR10EZPFD Fiches technique(HTML) 3 Page - Rohm

  ESR10EZPFD Datasheet HTML 1Page - Rohm ESR10EZPFD Datasheet HTML 2Page - Rohm ESR10EZPFD Datasheet HTML 3Page - Rohm ESR10EZPFD Datasheet HTML 4Page - Rohm ESR10EZPFD Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ESR10
Resistors
Rev.E
3/4
Dimensions (Unit : mm)
No.
Material
Resistive element (Oxide metal thick film)
Silver thick film electrode
Nickel electrode
Sn electrode
Alumina substrate
Overcoating (Resin)
0.3
±0.2
0.4
±0.2
2.0
±0.1
1
2
3
4
5
6
1
6
2
4
5
6
3
Packaging
C
AB
D
AB
C
D
φ13±0.2
P0
P2
P1
E
F
W
T2
φD0
A0
B0
Label
Reel
Taping
EIAJ ET-7200B compliant
Thick paper
mount
(Underside paper tape)
Chip resistor Square punchout hole
Heat crimp cover Tape
φ180
0
−1.5
φ60
+1
0
9
+1.0
0
φ1.5
+0.1
0
1.65 +
0.2
−0.1
2.4 +
0.2
−0.1
(Unit: mm)
(Unit: mm)
WF
E
A0
B0
D0
P0
P1
P2
T2
8.0±0.3
3.5±0.05
1.75±0.1
4.0±0.1
4.0±0.1
2.0±0.05
Max. 1.1



Html Pages

1 2 3 4 5