Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GP2L24 Fiches technique(PDF) 6 Page - Sharp Corporation

No de pièce GP2L24
Description  Subminiature, High Sensitivity Photointerrupter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHARP [Sharp Corporation]
Site Internet  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2L24 Fiches technique(HTML) 6 Page - Sharp Corporation

  GP2L24 Datasheet HTML 1Page - Sharp Corporation GP2L24 Datasheet HTML 2Page - Sharp Corporation GP2L24 Datasheet HTML 3Page - Sharp Corporation GP2L24 Datasheet HTML 4Page - Sharp Corporation GP2L24 Datasheet HTML 5Page - Sharp Corporation GP2L24 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
GP2L09/GP2L24/GP2L26
s Precautions for Use
Ethyl alcohol, Methyl alcohol, Isopropyl alcohol, Freon TE, Freon TF, Diflon solvent S3-E
When the cleaning solvents except for specified materials are used, please consult us.
( 3) Remove dust or stains, using an air blower or a soft cloth moistened in cleaning solvent.
However, do not perform the above cleaning using a soft cloth with cleaning solvent in the
marking portion.
In this case, use only the following type of cleaning solvent used for wiping off:
( 1) In order to stabilize power supply line, connect a by-pass capacitor of more than 0.01
µ F bet-
ween Vcc and GND near the device.
( 2) In this product, the PWB is fixed with a resin cover, and cleaning solvent may remain inside
the case; therefore, dip cleaning or ultrasonic cleaning are prohibited.
( 4) As for other general cautions, refer to the chapter “ Precautions for Use ” .



Html Pages

1 2 3 4 5 6