Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATS627LSG Fiches technique(PDF) 21 Page - Allegro MicroSystems

No de pièce ATS627LSG
Description  True Zero Speed, Low Jitter, High Accuracy Position Sensor IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS627LSG Fiches technique(HTML) 21 Page - Allegro MicroSystems

Back Button ATS627LSG Datasheet HTML 14Page - Allegro MicroSystems ATS627LSG Datasheet HTML 15Page - Allegro MicroSystems ATS627LSG Datasheet HTML 16Page - Allegro MicroSystems ATS627LSG Datasheet HTML 17Page - Allegro MicroSystems ATS627LSG Datasheet HTML 18Page - Allegro MicroSystems ATS627LSG Datasheet HTML 19Page - Allegro MicroSystems ATS627LSG Datasheet HTML 20Page - Allegro MicroSystems ATS627LSG Datasheet HTML 21Page - Allegro MicroSystems ATS627LSG Datasheet HTML 22Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
True Zero Speed, Low Jitter, High Accuracy
Position Sensor IC
ATS627LSG
21
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package SG, 4-Pin SIP
0.71±0.05
5.50±0.05
4.70±0.10
0.60±0.10
0.40±0.10
24.65±0.10
15.30±0.10
1.0 REF
0.71±0.10
0.71±0.10
1.60±0.10
1.27±0.10
5.50±0.10
8.00±0.05
5.80±0.05
1.70±0.10
24
3
1
A
A
D
B
For Reference Only, not for tooling use (reference DWG-9002)
Dimensions in millimeters
A
B
C
C
D
E
F
F
F
Dambar removal protrusion (16X)
Metallic protrusion, electrically connected to pin 4 and substrate (both sides)
Thermoplastic Molded Lead Bar for alignment during shipment
E
E2
E1
Hall elements (E1, E2), not to scale
Active Area Depth, 0.43 mm
Branded
Face
Standard Branding Reference View
= Supplier emblem
L = Lot identifier
N = Last three numbers of device part number
Y = Last two digits of year of manufacture
W = Week of manufacture
LLLLLLL
YYWW
NNN
Branding scale and appearance at supplier discretion
0.38 +0.06
–0.04
1.10
1.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22