| Moteur de recherche de fiches techniques de composants électroniques |
|
XG8B Fiches technique(PDF) 5 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
XG8B Fiches technique(HTML) 5 Page - Omron Electronics LLC |
|
5 / 10 page ![]() IDC Sockets for Discrete Wires XG5 67 Hood Covers ■ XG5S Dimensions Ordering Information Note: Hood Covers are packaged / shipped with left and right halves. Includes cable tie. Vertical XG5S- @@12 (Left and right halves) Dimensions No. of contacts Dimensions (mm) ABC 20 30.0 23.8 8.8 26 37.6 31.4 11.4 30 42.7 36.5 15.1 Horizontal XG5S- @@22 (Left and right halves) Dimensions No. of contacts Dimensions (mm) ABCD 34 47.7 38.7 32.0 14.6 40 55.4 40.7 34.0 16.6 50 68.1 44.1 39.4 20.0 60 80.8 47.4 42.8 23.4 Appearance Vertical Horizontal No. of contacts (double rows) Model (See note.) Model (See note.) 20 XG5S-2012 — 26 XG5S-2612 — 30 XG5S-3012 — 34 — XG5S-3422 40 — XG5S-4022 50 — XG5S-5022 60 — XG5S-6022 |