| Moteur de recherche de fiches techniques de composants électroniques |
|
BD9997FVT Fiches technique(PDF) 2 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BD9997FVT Fiches technique(HTML) 2 Page - Rohm |
|
2 / 5 page ![]() 2/4 REV. B ○Electric Characteristics (Unless otherwise specified, Vcc=5.0[V], VOUT=5.0[V], Ta=25[℃]) Parameter Symbol Limit Unit Condition Min. Typ. Max. Current consumption ICC1 4.0 6.3 9.5 mA VCC=5.0[V], FB=2.5[V], No load Current consumption ICC2 2.3 3.7 5.2 mA VCC=5.0[V], FB=0[V], No load Current consumption (Shutdown mode) ICC3 - 1 10 μA VCC=5.0[V], XSHDN=GND or Open Output voltage range VOUTR Vcc - 12.0 V Soft start beginning time TSOFT 3.5 6.0 8.5 ms VCC=5.0[V], FB=0[V] ERRVREF voltage ERRVREF 0.582 0.600 0.618 V Oscillator frequency SAWO 400 650 900 kHz Maximum duty cycle DMAX 65 80 90 % AMPOUT maximum output voltage VAMPOUTH 2.00 2.30 2.60 V AMPOUT minimum output voltage VAMPOUTL - 0.03 0.20 V PMOS ON resistance RONP 0.36 0.60 0.84 Ω VOUT=9.0[V] NMOS ON resistance RONN 0.30 0.50 0.70 Ω VOUT=9.0[V] UVLO detection voltage VUVLO1 3.35 3.55 3.75 V VCC Falling UVLO return voltage VUVLO2 3.45 3.65 3.85 V VCC Rising XSHDN Input threshold voltage VthXSHDN 0.92 1.53 2.14 V XSHDN pull down resister RXSHDN 7.0 10.0 13.0 kΩ |