Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8530 Fiches technique(PDF) 22 Page - ams AG

No de pièce AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Fiches technique(HTML) 22 Page - ams AG

Back Button AS8530 Datasheet HTML 18Page - ams AG AS8530 Datasheet HTML 19Page - ams AG AS8530 Datasheet HTML 20Page - ams AG AS8530 Datasheet HTML 21Page - ams AG AS8530 Datasheet HTML 22Page - ams AG AS8530 Datasheet HTML 23Page - ams AG AS8530 Datasheet HTML 24Page - ams AG AS8530 Datasheet HTML 25Page - ams AG AS8530 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8530
Revision 1.0
22 - 32
AS8530
Datasheet - Application In form atio n
Figure 12. Enable Controlled via. MCU
If the application doesn’t need the wake up capability of the AS8530, a direct connection EN to VCC is possible. In this case the AS8530
operates in permanent normal mode. Also possible is the external (outside of the module) control of the EN line via. VSUP signal as shown
below.
Figure 13. Permanent Normal Mode
EN
VSUP
VSS
VCC
RESET
RX
TX
MCU
Cload
VBAT
LIN
+
+ 5V
EN
VSUP
VSS
VCC
RESET
RX
TX
MCU
Cload
VBAT
LIN
+
+ 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32